Part Number Hot Search : 
BCY79B NSF20712 C475M9RA 48RA0A T24C02C 12N60 D1024 NCV4276
Product Description
Full Text Search
 

To Download MMBZ5221BW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Zener Diode
P b Lead(Pb)-Free
Features: * Planar Die Construction * 200mW Power Dissipation on FR-4 PCB * General purpose, Medium Current * Ideally Suited for Automated Assembly
MMBZ5221BW Series
ZENER DIODE 350m WATTS
3 1 2
3
1
SOT-323(SC-70)
SOT-323 Outline Demensions
Unit:mm
A
SOT-323
B C
T OP V IE W
D E G H K L
J
M
Dim A B C D E G H J K L M
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
http://www.weitron.com.tw
WEITRON
1/3
17-Aug-05
MMBZ5221BW Series
Characteristics
Forward Voltage @ IF=10mA Total Power Dissipation(1) Thermal Resistance Junction to Ambient Air(1) Junction and Storage Temperature Range
WEITRON
Symbol
VF PD RJA TJ,TSTG
Maximum Ratings and Electrical Characteristics (TA=25C Unless Otherwise Noted)
Value
0.9 350 357 -65 to +150
Unit
V mW K/W C
NOTES: 1. Valid provided that device terminals are kept at ambient temperature.
WEITRON
http://www.weitron.com.tw
2/3
17-Aug-05
MMBZ5221BW Series
Electrical Characteristics @ TA=25C unless otherwise specified
Zener Voltage Range(2) Type Number
MMBZ5221BW MMBZ5223BW MMBZ5225BW MMBZ5226BW MMBZ5227BW MMBZ5228BW MMBZ5229BW MMBZ5230BW MMBZ5231BW MMBZ5232BW MMBZ5234BW MMBZ5235BW MMBZ5236BW MMBZ5237BW MMBZ5239BW MMBZ5240BW MMBZ5241BW MMBZ5242BW MMBZ5243BW MMBZ5245BW MMBZ5246BW MMBZ5248BW MMBZ5250BW MMBZ5251BW MMBZ5252BW MMBZ5254BW MMBZ5255BW MMBZ5256BW MMBZ5257BW MMBZ5258BW MMBZ5259BW
Marking Code
Nom (V) KC1 KC3 KC5 KG1 KG2 KG3 KG4 KG5 KE1 KE2 KE4 KE5 KF1 KF2 KF4 KF5 KH1 KH2 KH3 KH5 KJ1 KJ3 KJ5 KK1 KK2 KK4 KK5 KM1 KM2 KM3 KM4 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
Maximum Zener Impedance
IZT ZZT@IZT 30 30 30 28 24 23 22 19 17 11 7.0 5.0 6.0 8.0 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 ZZK@IZK =0.25mA mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2
Maximum Reverse Leakage Current
IR A 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
VZ@IZT Min (V) 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 Max (V) 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95
Notes: 2. Tested with pulses, Tp 1.0ms.
http//www.weitron.com.tw
WEITRON
3/3
17-Aug-05


▲Up To Search▲   

 
Price & Availability of MMBZ5221BW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X